PART |
Description |
Maker |
BAR1201D BAR1202D BAR1204D BAR1206D BAR1208D BAR12 |
12 AMP PR4 DIODE CELLS
|
DIOTEC Electronics Corporation
|
BPTD-1500D-1A |
1.5 KP BIPOLAR TRANSIENT VOLTAGE SUPPRESSOR DIODE CELLS
|
DIOTEC Electronics Corporation
|
P32P4910A P32P4910 |
PRML Read Channel with PR4, 8/9 ENDEC, 4-Burst Servo
|
PHILIPS[Philips Semiconductors]
|
MXP1005 |
Solar Array Diode; Package: SEE_FACTORY; IO (A): 2.25; Cj (pF): 600; Vrwm (V): 120; VF (V): 0.84; TSTG/Top (ºC): 200; Tj (ºC): 150; IR (µA): 10; 2.25 A, 120 V, SILICON, RECTIFIER DIODE Photovoltaic By-Pass Diode 120 Volts, 2.25 Amps
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
1N5994BT50R |
Zener Diode; Package: DO-35; No of Pins: 2; Container: Tape & Reel 5.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35
|
Fairchild Semiconductor, Corp.
|
FYV0203DSMTF |
Schottky Diode; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 0.2 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Fairchild Semiconductor, Corp.
|
1N748ATR 1N753ATR 1N750A |
3.9V, 0.5W Zener Diode; Package: DO-35; No of Pins: 2; Container: Tape & Reel 3.9 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 6.2V, 0.5W Zener Diode; Package: DO-35; No of Pins: 2; Container: Tape & Reel 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Absolute Maximum Ratings
|
Fairchild Semiconductor, Corp.
|
60K3A2H |
Ni-Cd BUTTON CELLS
|
Wing Shing Computer Components
|
NTLJF3117PTAG |
Power MOSFET and Schottky Diode −20 V, −4.1 A, P−Channel, with 2.0 A Schottky Barrier Diode, 2x2 mm, uCool Package 2.3 A, 20 V, 0.135 ohm, P-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
QR3310001 |
Fast Recovery Diode Module (100 Amp/3300 Volts) 快速恢复二极管模块00 Amp/3300伏特
|
Powerex, Inc.
|
P873 |
Photoconductive and Photovoltaic Cells
|
Hamamatsu Photonic Systems
|
BAT54AW BAT54AWPBF |
0.2 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE SCHOTTKY DIODE 0.2 Amp 30V 0.2A Schottky Common Anode Diode in a SOT-323 package
|
International Rectifier
|